Part Number Hot Search : 
20N03 40AV700V 20N03 20N03 UFT140 ML720J8S 2SK719 AZ420
Product Description
Full Text Search
 

To Download DBES105A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DBES105A
RoHS COMPLIANT
Flip-Chip Dual Diode
GaAs Diode Description
The DBES105A is a dual Schottky diode based on a low cost 1m stepper process including a bump technology. The parasitic inductances are reduced and result in a very high operating frequency. This flip-chip dual diode has been designed for high performance mixer applications.
Main Features
High cut-off frequencies: 3THz High breakdown voltage: < -5V @ 20A Good ideality factor: 1.2 Low parasitic inductances Low cost technology Dimensions : 0.53 x 0.23 x 0.1mm
Main Characteristics
Tamb. = 25 C
Symbol
Wu Fco n BVak Gate Width Cut-off frequency Ideality factor Anode-cathode break-down voltage
Parameter
Typ
5 3 1.2 < -5
Unit
m THz
V
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!
Ref. : DSDBES105A6354 - 20 Dec 06
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Departementale 128 - B.P.46 - 91401 Orsay Cedex France Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
DBES105A
Equivalent Circuit
Rs
Flip-Chip Dual Diode
Rp
Cj0
Cpar
Rs() 4.4
Cjo(fF) (0V) 9.5
Cpar(fF) 5.8
Fco(THz) 2.4
Fco = 1/(2 Rs [Cpar + Cjo]) Rp can be neglected
Absolute Maximum Ratings (1)
Tamb. = 25 C Symbol Vak Iak Parameter Reverse anode-cathode voltage Forward anode-cathode current Typ. values -5 10 Unit V mA
(1) Operation of this device above anyone of these parameters may cause permanent damage.
Imax vs Tamb 12 10 8
I max( mA)
6 4 2 0 0 20 40 60
Tam b ( C)
80
100
120
Ref. : DSDBES105A6354 - 20 Dec 06
2/4
Specifications subject to change without notice
Route Departementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Flip-Chip Dual Diode
Typical DC Measurements
DBES105A
-4.0 1E-01 1E-02
-3.0
-2.0
-1.0
Voltage UD [V] UI-Characteristic
Current |ID| [A]
1E-03 1E-04 1E-05 1E-06 1E-07 1E-08 1E-09 1E-10 1E-11 0.00 0.25 0.50 0.75 1.00 Is = 3.5e-14 A
1x5m
Typical On-Wafer Measurements
Bias Conditions Vak = 0V
Ref. : DSDBES105A6354 - 20 Dec 06
3/4
Specifications subject to change without notice
Route Departementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
DBES105A
Mechanical data
Flip-Chip Dual Diode
30 100
30 diameter 20
26 204
460
Dimensions: 230 35 x 530 35 m Thickness= 100m 10 m
530
204 26
160 230
Dimensions in m
Ordering Information
Chip form: DBES105A99F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors S.A.S. assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use as critical components in life support devices or systems without express written approval from United Monolithic Semiconductors S.A.S.
Ref. : DSDBES105A6354 - 20 Dec 06
4/4
Specifications subject to change without notice
Route Departementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09


▲Up To Search▲   

 
Price & Availability of DBES105A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X